Part Number Hot Search : 
169328 00020 B1948 ZC2512U 1N2250 1N5913 MCR08MT1 DS1830A
Product Description
Full Text Search
 

To Download SR2030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR2020CT
THRU
SR2060CT
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE
20 to 60 Volts
CURRENT FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction
.412 (10.5) MAX.
20.0 Amperes
TO-220
3.8 f +.2 HOLE THRU .180 (4.6)
.050 (1.27)
.108 (2.75)
.248 (6.3)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guranteed * Polarity: As Marked * Mounting position: Any * Weight: 2.24 grams
.051 MAX. (1.3) .040 MAX. (1.0) .100 (2.54)
.595 (15.1) MAX.
.550 (14.0) .158 (4.0) MIN. MAX. .120 (3.05) PIN 1 PIN 3 + CASE PIN 2
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage per Leg at 10.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Typical Thermal Resistance RqJC (Note 1) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES:
SR2020 CT
SR2030 CT
SR2035 CT
SR2040 CT
SR2045 CT
SR2050 CT
SR2060 CT
UNITS V V V A A V mA mA C/W C C
20 14 20
30 21 30
35 24 35
40 28 40 20 150
45 31 45
50 35 50
60 42 60
0.65 10 100 2.0 -65 +125 -65 +150 -65
0.75
Ta=100 C
+150
1. Thermal Resistance Junction to Case.
RATING AND CHARACTERISTIC CURVES (SR2020CT THRU SR2060CT)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
30 25
50
INSTANTANEOUS FORWARD CURRENT,(A)
20
SR 2 SR
SR 20 20 C
5 0 0 20 40 60 80 100
1.0
120
140
160
180
200
CASE TEMPERATURE,( C)
0.1
.01
.1
.2
.3
.4
.5
SR 20 50 C
Tj=25 C Pulse Width 300us 1% Duty Cycle
T~ SR
.6
20 60 C
10
5.0
T~ SR 20 45 C
15
10
T
205
T
FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100
PEAK FORWARD SURGE CURRENT,(A)
150
020 R2 ~S CT 04 5 CT
0C 2 SR T~ 060 CT
.7
.8
FORWARD VOLT AGE,(V)
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
REVERSE LEAKAGE CURRENT, (mA)
10
120
90
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
60
1.0
Tj=75 C
30
.1
Tj=25 C
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLT AGE,(%)


▲Up To Search▲   

 
Price & Availability of SR2030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X